PART |
Description |
Maker |
LTC1458ISW LTC1458IG LTC1458LCG LTC1458LCSW LTC145 |
Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO28 Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO28 Quad 12-Bit Rail-to-RailvMicropower DACs
|
Linear Technology, Corp.
|
LTC2634HUD-LZ8TRPBF LTC2634CMSE-LMI8TRPBF LTC2634I |
LTC2634-10 - Quad 10-Bit Rail-to-Rail DACs with 10ppm/°C Reference; Package: QFN; Number of Pins: 16; Temperature Range: –40°C to 125°C SERIAL INPUT LOADING, 3.3 us SETTLING TIME, 8-BIT DAC, PQCC16 LTC2634-10 - Quad 10-Bit Rail-to-Rail DACs with 10ppm/°C Reference; Package: MSOP; Number of Pins: 10; Temperature Range: 0°C to 70°C LTC2634-10 - Quad 10-Bit Rail-to-Rail DACs with 10ppm/°C Reference; Package: QFN; Number of Pins: 16; Temperature Range: –40°C to 85°C LTC2634-10 - Quad 10-Bit Rail-to-Rail DACs with 10ppm/°C Reference; Package: QFN; Number of Pins: 16; Temperature Range: 0°C to 70°C LTC2634-10 - Quad 10-Bit Rail-to-Rail DACs with 10ppm/°C Reference; Package: MSOP; Number of Pins: 10; Temperature Range: –40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC2655BCUF-H16TRPBF LTC2655BCUF-L16TRPBF |
Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
LTC2654BCGN-H16PBF LTC2654BCGN-L16PBF LTC2654BCUF- |
Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
AD5314 AD5324 AD5324BRM AD5304 |
2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package 2.5V to 5.5V, 500uA, Quad Rail-to-Rail, Voltage Output 8/10-Bit DACs AD5304/AD5314/AD5324:2.5Vto5.5V.50盗.QuadVoltageOutput8-BitDACina10-Pin..
IC-SM-12-BITQUADDAC
|
Analog Devices
|
LTC2619 LTC2629 LTC2609 LTC2619CGN LTC2619CGN-1 LT |
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
|
LINER[Linear Technology]
|
LTC2654CUF-H12PBF LTC2654BCUF-H16PBF LTC2654CUF-L1 |
Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/隆?C Max Reference Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology http://
|
LTC2634CUD-LMI10 LTC2634IUD-LMI10 LTC2634HUD-LMI10 |
Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/隆?C Reference Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/掳C Reference Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/°C Reference
|
Linear Technology
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD7835ASZ-REEL ANALOGDEVICESINC-AD7835ASZ-REEL AD7 |
LC2MOS Quad 14-Bit DACs LC2MOS Quad 14-Bit DAC; Package: MQFP (13.90mm wide); No of Pins: 44; Temperature Range: Commercial LC MOS Quad 14-Bit DACs
|
ANALOG DEVICES INC
|
AD7899 AD7899ARS-3 AD7899SR-1 AD7899ARS-1 AD7899AR |
12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 模拟到数字转换器14 Analog-to-Digital Converter14-Bit 12-Bit Rail-to-Rail Micropower DACs in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C IC,A/D CONVERTER,SINGLE,14-BIT,CMOS,SOP,28PIN 5 V Single Supply 14-Bit 400 kSPS ADC
|
TE Connectivity, Ltd. adi Analog Devices
|